PART |
Description |
Maker |
MAX1776 MAX1776EUA |
24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter 24V / 600mA Internal Switch / 100% Duty Cycle / Step-Down Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
LT1913 LT1913IDDTRPBF LT1913IDDPBF LT1913EDDPBF LT |
25V, 3.5A, 2.4MHz Step-Down Switching Regulator 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. http://
|
LT1613 LT1613CS5 |
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23 Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
MP4460DQ |
2.5A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
MP2562DQ |
1A, 4MHz, 50V Step-Down Converter
|
Monolithic Power System...
|
MP2351DQ EV2351DQ-00A MP2351 MP2351DK |
1.5A, 23V, 1.4MHz Step-Down Converter
|
MPS[Monolithic Power Systems]
|
LTC3568-15 |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
G5728B |
1.4MHz 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|